Part Number Hot Search : 
LT1011A 1N705A 3EZ14 2SK21 ZV831 MNR4G AUP1T C105M
Product Description
Full Text Search
 

To Download IRL1104L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  irl1104s/l hexfet ? power mosfet pd -91840 l advanced process technology l surface mount (irl1104s) l low-profile through-hole (IRL1104L) l 175c operating temperature l fast switching l fully avalanche rated parameter typ. max. units r q jc junction-to-case CCC 0.9 r q ja junction-to-ambient(pcb mounted,steady-state)** CCC 62 thermal resistance c/w parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v ? 104 ? i d @ t c = 100c continuous drain current, v gs @ 10v ? 74 ? a i dm pulsed drain current ?? 416 p d @t a = 25c power dissipation 2.4 w p d @t c = 25c power dissipation 167 w linear derating factor 1.1 w/c v gs gate-to-source voltage 16 v e as single pulse avalanche energy ?? 340 mj i ar avalanche current ? 62 a e ar repetitive avalanche energy ? 17 mj dv/dt peak diode recovery dv/dt ?? 5.0 v/ns t j operating junction and -55 to + 175 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings fifth generation hexfets from international rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. this benefit, combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. the d 2 pak is a surface mount power package capable of accommodating die sizes up to hex-4. it provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. the d 2 pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0w in a typical surface mount application. the through-hole version (IRL1104L) is available for low- profile applications. description v dss = 40v r ds(on) = 0.008 w i d = 104a ? 2 d pak to-262 s d g 10/28/98 l logic-level gate drive www.irf.com 1 preliminary
irl1104s/l 2 www.irf.com parameter min. typ. max. u nits conditions v (br)dss drain-to-source breakdown voltage 40 CCC CCC v v gs = 0v, i d = 250a d v (br)dss / d t j breakdown voltage temp. coefficient CCC 0.04 CCC v/c reference to 25c, i d =1ma ? CCC CCC 0.008 v gs = 10v, i d = 62a ? CCC CCC 0.012 w v gs = 4.5v, i d = 52a ? v gs(th) gate threshold voltage 1.0 CCC v v ds = v gs , i d = 250a g fs forward transconductance 53 CCC CCC s v ds = 25v, i d = 62a ? CCC CCC 25 a v ds =40v, v gs = 0v CCC CCC 250 v ds = 32v, v gs = 0v, t j = 150c gate-to-source forward leakage CCC CCC 100 v gs = 16v gate-to-source reverse leakage CCC CCC -100 na v gs = -16v q g total gate charge CCC CCC 68 i d =62a q gs gate-to-source charge CCC CCC 24 nc v ds = 32v q gd gate-to-drain ("miller") charge CCC CCC 34 v gs = 4.5v, see fig. 6 and 13 ?? t d(on) turn-on delay time CCC 18 CCC v dd = 20v t r rise time CCC 257 CCC i d =54a t d(off) turn-off delay time CCC 32 CCC r g = 3.6 w , v gs = 4.5v t f fall time CCC 64 CCC r d = 0.4 w , see fig. 10 ?? between lead, CCC CCC and center of die contact c iss input capacitance CCC 3445 CCC v gs = 0v c oss output capacitance CCC 1065 CCC pf v ds = 25v c rss reverse transfer capacitance CCC 270 CCC ? = 1.0mhz, see fig. 5 ? electrical characteristics @ t j = 25c (unless otherwise specified) r ds(on) static drain-to-source on-resistance i gss i dss drain-to-source leakage current l s internal source inductance 7.5 nh ? repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 ) ? i sd 62a, di/dt 217a/s, v dd v (br)dss , t j 175c notes: ? v dd = 15v, starting t j = 25c, l = 0.18mh r g = 25 w , i as = 62a. (see figure 12) ? pulse width 300s; duty cycle 2%. ** when mounted on 1" square pcb ( fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994. ? uses irl1104 data and test conditions. source-drain ratings and characteristics parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) CCC CCC showing the i sm pulsed source current integral reverse (body diode) ? CCC CCC p-n junction diode. v sd diode forward voltage CCC CCC 1.3 v t j = 25c, i s =62a, v gs = 0v ? t rr reverse recovery time CCC 84 126 ns t j = 25c, i f =62a q rr reverse recovery charge CCC 223 335 nc di/dt = 100a/s ?? t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by l s +l d ) a 104 ? 416 s d g ? calculated continuous current based on maximum allowable junction temperature;for recommended current-handling of the package refer to design tip # 93-4
irl1104s/l www.irf.com 3 fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature fig 2. typical output characteristics -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 104a 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 175 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source volta g e (v) i , drain-to-source current (a) ds d 2.7v 1 10 100 1000 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs 15v 10v 7.0v 5.5v 4.5v 4.0v 3.5v 2.7v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 2.7v 1 10 100 1000 2.0 4.0 6.0 8.0 10.0 v = 50v 20s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 175 c j 25
irl1104s/l 4 www.irf.com fig 7. typical source-drain diode forward voltage fig 5. typical capacitance vs. drain-to-source voltage fig 8. maximum safe operating area fig 6. typical gate charge vs. gate-to-source voltage 0 20 40 60 80 0 2 4 6 8 10 q , total gate char g e (nc) v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 62 a v = 20v ds v = 32v ds 1 10 100 1000 10000 1 10 100 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c v , drain-to-source voltage (v) i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 1 10 100 0 1000 2000 3000 4000 5000 6000 v , drain-to-source volta g e (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss g s g d , ds rss g d oss ds g d c iss c oss c rss 0.1 1 10 100 1000 0.2 0.8 1.4 2.0 2.6 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 175 c j t = 25 c j
irl1104s/l www.irf.com 5 fig 9. maximum drain current vs. case temperature fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms fig 11. maximum effective transient thermal impedance, junction-to-case v ds pulse width 1 s duty factor 0.1 % r d v gs r g d.u.t. 4.5v + - v dd 25 50 75 100 125 150 175 0 20 40 60 80 100 120 t , case temperature ( c) i , drain current (a) c d limited by package 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
irl1104s/l 6 www.irf.com fig 13a. basic gate charge waveform d.u.t. v ds i d i g 3ma v gs .3 m f 50k w .2 m f 12v current regulator same type as d.u.t. current sampling resistors + - fig 13b. gate charge test circuit q g q gs q gd v g charge 4.5 v fig 12c. maximum avalanche energy vs. drain current fig 12b. unclamped inductive waveforms fig 12a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 w t p d.u.t l v ds + - v dd driver a 15v 10v 5 25 50 75 100 125 150 175 0 200 400 600 800 startin g t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 25a 44a 62a
irl1104s/l www.irf.com 7 peak diode recovery dv/dt test circuit p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - fig 14. for n-channel hexfets * v gs = 5v for logic level devices ? ? ? r g v dd dv/dt controlled by r g driver same type as d.u.t. i sd controlled by duty factor "d" d.u.t. - device under test d.u.t circuit layout considerations low stray inductance ground plane low leakage inductance current transformer ? *
irl1104s/l 8 www.irf.com d 2 pak package details part marking 10.16 (.400) re f. 6.47 (.255) 6.18 (.243) 2.61 (.103) 2.32 (.091) 8.89 (.350) r e f. - b - 1.32 (.052) 1.22 (.048) 2.79 (.110) 2.29 (.090) 1.39 (.055) 1.14 (.045) 5.28 (.208) 4.78 (.188) 4.69 (.185) 4.20 (.165) 10.54 (.415) 10.29 (.405) - a - 2 1 3 15.49 (.610) 14.73 (.580) 3x 0.93 (.037) 0.69 (.027) 5.08 (.200) 3x 1.40 (.055) 1.14 (.045) 1.78 (.070) 1.27 (.050) 1.40 (.055) m ax. notes: 1 dimensions after solder dip. 2 dimensioning & tolerancing per ansi y14.5m, 1982. 3 controlling dimension : inch. 4 heatsink & lead dimensions do not include burrs. 0.55 (.022) 0.46 (.018) 0.25 (.010) m b a m minimum recommended footprint 11.43 (.450) 8.89 (.350) 17.78 (.700) 3.81 (.150) 2.08 (.082) 2x lead assignments 1 - ga te 2 - d r ain 3 - s ou rc e 2.54 (.100) 2x part number international rectifier logo date code (yyw w ) yy = year ww = week assembly lot code f530s 9b 1m 9246 a
irl1104s/l www.irf.com 9 to-262 package details part marking
irl1104s/l 10 www.irf.com d 2 pak tape and reel 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.42 9) 10.70 (.42 1) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.06 3) 1.50 (.05 9) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min . 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. world headquarters: 233 kansas st., el segundo, california 90245, tel: (310) 322 3331 ir great britain: hurst green, oxted, surrey rh8 9bb, uk tel: ++ 44 1883 732020 ir canada: 15 lincoln court, brampton, ontario l6t3z2, tel: (905) 453 2200 ir germany: saalburgstrasse 157, 61350 bad homburg tel: ++ 49 6172 96590 ir italy: via liguria 49, 10071 borgaro, torino tel: ++ 39 11 451 0111 ir far east: k&h bldg., 2f, 30-4 nishi-ikebukuro 3-chome, toshima-ku, tokyo japan 171 tel: 81 3 3983 0086 ir southeast asia: 1 kim seng promenade, great world city west tower, 13-11, singapore 237994 tel: ++ 65 838 4630 ir taiwan: 16 fl. suite d. 207, sec. 2, tun haw south road, taipei, 10673, taiwan tel: 886-2-2377-9936 http://www.irf.com/ data and specifications subject to change without notice. 10/98


▲Up To Search▲   

 
Price & Availability of IRL1104L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X